Part Number Hot Search : 
15KP90A BYV29 1530A AN0116 BFG93A08 APL1018 HFBR1527 BUL3N7
Product Description
Full Text Search
 

To Download UES1A101MEM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100v u 1 e 2 s 3 1 4 a 5 4 6 7 7 0 8 m 9 e 10 m 11 configuration capacitance tolerance ( 20%) rated capacitance (47f) rated voltage (10v) series name type f d 5 code dm 6.3 em 8 10 pm 12.5 16 hm l + max. pressure relief vent 15 min 4 min sleeve (p.e.t.) f d f d + 0.5 max. f d p f d 5 2.0 0.6 6.3 2.5 0.6 8 3.5 0.6 10 5.0 0.6 12.5 5.0 0.8 16 7.5 0.8 ( f 6.3up) ( f d < 10) 1.0 ( f d 10) 1.5 (mm) p 0.5 aluminum electrolytic capacitors es series bi-polarized, for audio equipment bi-polarized nichicon muse acoustic series. suited for audio signal circuits. adapted to the rohs directive (2002/95/ec). radial lead type type numbering system (example : 10v 47 f) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan stability at low temperature endurance shelf life marking performance characteristics item 40 ~ +85 c 6.3 ~ 50v 0.47 ~ 1000f 20% at 120hz, 20 c after 1 minute's application of rated voltage, leakage current is not more than 0.03cv or 3 (a), whichever is greater. printed with black color letter on clear green sleeve. measurement frequency : 120hz, temperature : 20 c measurement frequency : 120hz capacitance change leakage current after 1000 hours' application of rated voltage at 85 c with the polarity inverted every 250 hours, capacitors meet the characteristics requirement listed at right. after storing the capacitors under no load at 85 c for 1000 hours, and after performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they will meet the specified value for endurance characteristics listed above. es tan within 20% of initial value 150% or less of initial specified value initial specified value or less rated voltage (v) tan (max.) 6.3 0.24 10 0.20 16 0.16 25 0.16 35 0.14 50 0.12 z 25 c / z+20 c z 40 c / z+20 c rated voltage (v) impedance ratio zt / z20 (max.) 6.3 4 8 10 3 6 16 2 4 25 2 4 35 2 4 50 2 4 fw dimensions 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 5 11 6.3 11 8 11.5 10 12.5 10 16 10 20 12.5 25 0j 6.3 5 11 6.3 11 6.3 11 10 12.5 10 16 10 20 12.5 20 16 25 1a 10 5 11 6.3 11 6.3 11 8 11.5 10 12.5 10 20 12.5 20 12.5 25 16 25 1c 16 5 11 5 11 6.3 11 8 11.5 10 12.5 10 16 12.5 25 12.5 25 16 25 16 31.5 1e 25 5 11 6.3 11 8 11.5 10 12.5 10 12.5 10 20 12.5 25 16 25 16 25 1v 35 5 11 5 11 5 11 5 11 6.3 11 8 11.5 10 12.5 10 16 10 20 12.5 25 16 25 16 31.5 1h 50 d l (mm) v code cap.(f) bi-polarized please refer to page 21, 22, 23 about the formed or taped product spec. please refer to page 3 for the minimum order quantity. please refer to page 21 about the end seal configulation.


▲Up To Search▲   

 
Price & Availability of UES1A101MEM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X